PART |
Description |
Maker |
03540505Z |
2-Position MAXI?Style Fuse Module
|
Littelfuse, Inc.
|
FUN |
Style Blade Fuse Rated 125V
|
Littelfuse, Inc.
|
0FHJ1001-15 0FHJXXXXG 0FHJXXXXL |
INLINE FUSE HOLDER FOR JCASE STYLE FUSES (Std. & LP)
|
Littelfuse
|
BCX54-10 BCX54-16 BCX55-10 BCX55-16 BCX54 BCX56-16 |
Cartridge Fuse; Current Rating:250mA; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 15 mm; Body Material:Glass; Diameter:4.5mm; Fuse Terminals:Ferrule; Leaded Process Compatible:Yes; Length:14.48mm; Series:229P 晶体管的SOT - 89 NPN medium power transistors
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BK/PCB-2-1/2 BK/PCB-1-1/2 PCD-5 PCE-5 |
FUSE 2-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 2.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE FUSE 1-1/2A 250V FAST PCTRON LNG ELECTRIC FUSE, 1.5A, 250VAC, 450VDC, 50A (IR), THROUGH HOLE PC Board Fuse; Leaded Process Compatible:No; Fuse Type:Fast Acting; Peak Reflow Compatible (260 C):No; Series:PC-Tron ELECTRIC FUSE, 5A, 125VAC, 250VDC, 10000A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc.
|
Z8681AB1YN |
Leaded Cartridge Fuse; Current Rating:2A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes 8位微控制
|
东电?中国)投资有限公司
|
0498900.TXN 04980900ZXT 04980903ZXT |
Bolt-down Fuseholders - Fuseholder for BF1 Style Bolt-down Fuse
|
Littelfuse
|
ABC-20-R ABC-1-12-R ABC-1-R ABC-10-R ABC-10A ABC-1 |
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm; Packaging:Bulk; Series:ABC RoHS Compliant: Yes 1/4 x 1 1/4 Fast-Acting Ceramic Tube Fuses
|
COOPER INDUSTRIES Cooper Bussmann, Inc.
|
AD5165 AD5165BUJZ100-R2 AD5165BUJZ100-R7 AD5165EVA |
Circular Connector; No. of Contacts:4; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:13; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:13-4 256-Position/ Ultralow Power 1.8 V Logic-Level Digital Potentiometer 256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
|
Analog Devices, Inc. AD[Analog Devices]
|
3402.0044.XX 3402.0019.XX 3402.0014.XX 3402.0043.X |
FUSE OMF 63V 2.5A FAST BLOW ELECTRIC FUSE, 2.5A, 63VAC, 63VDC, 50A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
|
SCHURTER AG Schurter Inc.
|
F068-ND 01530002 01530002M 01530002Z 01530003H 015 |
For ATO Fuses In-Line Type For ATO Fuses In-Line Type
|
Littelfuse
|